| Moteur de recherche de fiches techniques de composants électroniques |
|
ASPDC2BB4AC Fiches technique(PDF) 2 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
ASPDC2BB4AC Fiches technique(HTML) 2 Page - C&K Components |
|
2 / 5 page ![]() NOTE: To select switching function, see CIRCUITRY section, page J-81. . A Series General Purpose Snap-acting Switches SERIES NO. POLES S SINGLE POLE SWITCH D DOUBLE POLE SWITCH A GENERAL PURPOSE SNAP-ACTING SWITCHES Mounting holes will accept pins or screws of .139 dia. (3,53) max., on 1.000 (25,40) centers. Mounting holes will accept pins or screws of .139 dia. (3,53) max., on 1.000 (25,40) centers. J J–82 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ckswitches.com 14 Jan 19 |