| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2-F-7101 Fiches technique(PDF) 2 Page - Connective Peripherals Pte Ltd |
|
|
|||||||||||||||||||||||||||||
USB2-F-7101 Fiches technique(HTML) 2 Page - Connective Peripherals Pte Ltd |
|
2 / 35 page ![]() USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter Datasheet Version 1.4 Document Reference No.: CP_000050 Clearance No.: CP#040 Copyright © Connective Peripherals Pte Ltd 2 Table of Contents 1 Introduction................................................................... 4 1.1 Functional Description .............................................................. 4 1.2 LED Description......................................................................... 5 1.3 Block Diagram........................................................................... 6 1.3.1 Block description ....................................................................................... 6 1.4 Features.................................................................................... 7 1.5 Performance Figures................................................................. 7 1.6 Ordering Information................................................................ 7 2 Installation .................................................................... 8 2.1 Hardware Installation............................................................... 8 2.1.1 Mounting .................................................................................................. 8 2.1.2 Wiring...................................................................................................... 8 2.2 Device Driver Installation ......................................................... 9 2.2.1 Microsoft Windows..................................................................................... 9 2.2.2 Mac OS X, Linux, Windows CE....................................................................11 2.3 Firmware Update .................................................................... 11 3 Connections ................................................................. 12 3.1 External Connectors................................................................ 12 3.1.1 USB ........................................................................................................12 3.1.2 CANbus ...................................................................................................12 4 Application Programming Interfaces ............................ 13 4.1 ASCII commands .................................................................... 13 4.1.1 Set CAN Channel Timing – simple (S) .........................................................14 4.1.2 Set CAN Channel Timing – advanced (s)......................................................14 4.1.3 Set Acceptance Mask (m) ..........................................................................15 4.1.4 Set Acceptance Filter (M) ..........................................................................16 4.1.5 Enable Time Stamp (Z) .............................................................................16 4.1.6 Open CAN Channel (O)..............................................................................17 4.1.7 Open CAN Channel for Listen Only (L).........................................................17 4.1.8 Close CAN Channel (C)..............................................................................18 4.1.9 Echo / Synchronize (E)..............................................................................19 4.1.10 Transmit Standard CAN Frame – 11-bit ID (t) ..............................................19 |