Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VM1010-U7-R13 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce VM1010-U7-R13
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

VM1010-U7-R13 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VM1010-U7-R13 Datasheet HTML 3Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 4Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 5Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 6Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 7Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 8Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 9Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 10Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Vesper Technologies Inc - Preliminary Version
Solder Reflow Profile
Figure 7: Solder reflow profile
Handling Instructions
Vesper’s piezoelectric MEMS microphones are very resistant to harsh environments
such as dust and moisture. However, to avoid mechanical damage to the
microphone, we recommend using appropriate handling procedures when manually
handling the parts or when using pick and place equipment. The following guidelines
will avoid damage:
• Do not apply a vacuum to the bottom side of the microphone. A vacuum pen
may be used with care on the top side only.
• Do not apply very high air pressure over the port hole.
• Do not insert any large particles or objects in the port hole. The microphone
is resistant to small particles per IP5x specification.
• Do not board wash or clean after the reflow process or expose the acoustic
port to harsh chemicals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11