Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BOXSTK1AW32SC Fiches technique(PDF) 21 Page - Intel Corporation

No de pièce BOXSTK1AW32SC
Description  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

BOXSTK1AW32SC Fiches technique(HTML) 21 Page - Intel Corporation

Back Button BOXSTK1AW32SC Datasheet HTML 17Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 18Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 19Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 20Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 21Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 22Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 23Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 24Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Regulatory Compliance and Battery Disposal Information
21
Use of a wire rope type cable that is >3mm can be used with crimps to secure the Compute Stick.
One example is shown below. However, many different options are available via 3rd party
suppliers.
Figure 10. Security Loop Cable Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27