Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK1AW32SC Fiches technique(PDF) 11 Page - Intel Corporation

No de pièce STK1AW32SC
Description  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

STK1AW32SC Fiches technique(HTML) 11 Page - Intel Corporation

Back Button STK1AW32SC Datasheet HTML 7Page - Intel Corporation STK1AW32SC Datasheet HTML 8Page - Intel Corporation STK1AW32SC Datasheet HTML 9Page - Intel Corporation STK1AW32SC Datasheet HTML 10Page - Intel Corporation STK1AW32SC Datasheet HTML 11Page - Intel Corporation STK1AW32SC Datasheet HTML 12Page - Intel Corporation STK1AW32SC Datasheet HTML 13Page - Intel Corporation STK1AW32SC Datasheet HTML 14Page - Intel Corporation STK1AW32SC Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Product Description
11
1.2
Online Support
To find information about…
Visit this World Wide Web site:
Intel Compute Stick
http://www.intel.com/computesticksupport
1.3
Operating System Overview
The Intel Compute Stick STK1AW32SC has Windows 10 Home 32-bit pre-installed with all
necessary drivers.
The Intel Compute Stick STK1A32SC supports the following Operating Systems (32-bit or 64-bit).
Windows* 10 Home
Windows 10 Pro
Windows 10 Enterprise
Windows 10 Education
Windows 10 IoT Enterprise
Windows 8.1
Windows 8.1 Pro
Windows 8.1 Enterprise
Windows Embedded 8.1 Industry
Windows Embedded 8.1 Pro
Installation of any of the above operating systems will require a powered USB hub, wired USB
mouse and keyboard along with a USB flash drive or USB optical drive. The USB flash drive or
USB optical drive will need the operating system installation media.
NOTE
Select either Windows 32-bit or Windows 64-bit in BIOS Setup for the type of operating system
being installed.
To find information about…
Visit this World Wide Web site:
Intel Compute Stick drivers
http://downloadcenter.intel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27