Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SHT85 Fiches technique(PDF) 21 Page - Sensirion AG Switzerland

No de pièce SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSIRION [Sensirion AG Switzerland]
Site Internet  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Fiches technique(HTML) 21 Page - Sensirion AG Switzerland

Back Button SHT85 Datasheet HTML 15Page - Sensirion AG Switzerland SHT85 Datasheet HTML 16Page - Sensirion AG Switzerland SHT85 Datasheet HTML 17Page - Sensirion AG Switzerland SHT85 Datasheet HTML 18Page - Sensirion AG Switzerland SHT85 Datasheet HTML 19Page - Sensirion AG Switzerland SHT85 Datasheet HTML 20Page - Sensirion AG Switzerland SHT85 Datasheet HTML 21Page - Sensirion AG Switzerland SHT85 Datasheet HTML 22Page - Sensirion AG Switzerland SHT85 Datasheet HTML 23Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
21/23
7 Quality
Qualification of the SHT85 is performed based on JEDEC guidelines. The qualification of the SHT3x-DIS component
itself is based on the JEDEC JESD47 qualification test method.
7.1 Material Contents
The device is fully RoHS compliant, e.g. free of Pb, Cd, and Hg.
8 Ordering Information
The SHT85 can be ordered in tape and reel packaging, see Table 22. The reels are sealed into antistatic ESD bags.
Sensor Type
Packaging
Quantity
Order Number
SHT85
Tape Stripes
50
3.000.485
Table 22 SHT85 ordering information.
9 Further Information
For more in-depth information on the SHT85 and its application please consult the documents in Table 23. Parameter
values specified in the datasheet overrule possibly conflicting statements given in references cited in this datasheet.
Document Name
Description
Source
SHT85 Shipping Package
Describes the standard shipping package
Available upon request.
Handling of SMD Packages
Humidity Sensors
Assembly Guide
Available for download at the Sensirion
humidity sensors download center:
www.sensirion.com/humidity-download
Datasheet Humidity Sensor
SHT3x Digital
All specifications of the SHT35-DIS
Available for download at the Sensirion
humidity sensors download center:
www.sensirion.com/humidity-download
Datasheet Humidity Sensor Filter
Membrane SHT3x
All relevant specifications of the filter
membrane
Available for download at the Sensirion
humidity sensors download center:
www.sensirion.com/humidity-download
Handling Instructions Humidity
Sensors
Guidelines for proper handling of SHTxx
humidity sensors
Available for download at the Sensirion
humidity sensors download center:
www.sensirion.com/humidity-download
Specification Statement Humidity
Sensors
Definition of sensor specifications.
Available for download at the Sensirion
humidity sensors download center:
www.sensirion.com/humidity-download
Table 23 Documents containing further information relevant for the SHT85.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23