Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAFSFS0100C4ACAAX3 Fiches technique(PDF) 13 Page - Honeywell Solid State Electronics Center

No de pièce HAFSFS0100C4ACAAX3
Description  HAF Series?밐igh Accuracy
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HAFSFS0100C4ACAAX3 Fiches technique(HTML) 13 Page - Honeywell Solid State Electronics Center

Back Button HAFSFS0100C4ACAAX3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HAFSFS0100C4ACAAX3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HAFSFS0100C4ACAAX3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HAFSFS0100C4ACAAX3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HAFSFS0100C4ACAAX3 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HAFSFS0100C4ACAAX3 Datasheet HTML 11Page - Honeywell Solid State Electronics Center HAFSFS0100C4ACAAX3 Datasheet HTML 12Page - Honeywell Solid State Electronics Center HAFSFS0100C4ACAAX3 Datasheet HTML 13Page - Honeywell Solid State Electronics Center HAFSFS0100C4ACAAX3 Datasheet HTML 14Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
sensing.honeywell.com
±50 SCCM to ±750 SCCM
Figure 10. Mounting dimensions (For reference only: mm [in], continued.)
SS: Short port, snap mount
10
Table 8. Pinout
Pin 1
Pin 2
Pin 3
Pin 4
SCL
Vsupply
ground
SDA
Mounting Footprint
26,00
[1.024]
22,0
[0.866]
2X DIA. 2,2 [0.086] THRU
HOLES FOR MOUNTING
3,80
[0.150]
4,00
[0.157]
2X 2,50
[0.098]
2X 7,20
[0.28]
0,65
[0.026]
4X DIA. 0,812
[0.032]
MODEL NUMBER
LOT CODE
19,90
[0.78]
6,35
[0.25]
28,80
[1.13]
12,70
[0.50]
10,3
[0.40]
2,50
[0.10]
4,80
[0.19]
3,3
[0.13]
2,00 TYP.
[0.079]
1,00
[0.04]
3,00
[0.12]
12,8
[0.50]
26,00
[1.02]
1,80
[0.071]
6,50
[0.26]
10,40
[0.41]
7,20
[0.28]
4,60
[0.18]
AIRFLOW DIRECTION, PORT SIDE
22,00
[0.87]
Honeywell Zephyr™
HAFBSSXXXXXXXXX
0x123456789
DIA. 2,30
[0.09]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14