| Moteur de recherche de fiches techniques de composants électroniques |
|
HS1L-DT7Y4KMSRP-R Fiches technique(PDF) 5 Page - IDEC Corporation |
|
|
|||||||||||||||||||||||||||||
HS1L-DT7Y4KMSRP-R Fiches technique(HTML) 5 Page - IDEC Corporation |
|
5 / 8 page ![]() 5 HS1L Interlock Switches with Solenoid Circuit Diagrams and Operating Characteristics Spring Lock Type • Interlock Switch Status Status 1 Status 2 Status 3 Status 4 Manual Unlock Door Closed • Machine ready to • operate Solenoid de-energized • Door Closed • Machine cannot be • operated Solenoid energized • Door Open • Machine cannot be • operated Solenoid energized • Door Open • Machine cannot be • operated Solenoid de-energized • Door Closed • Machine cannot be • operated Solenoid de-energized • Door Status UNLOCK Unlock position Circuit Diagram (HS1L-DQ4) (–) (+) A2 A1 34 63 64 52 51 33 22 21 11 12 42 41 (–) (+) A2 A1 34 63 64 52 51 33 22 21 11 12 42 41 (–) (+) A2 A1 34 63 64 52 51 33 22 21 11 12 42 41 (–) (+) A2 A1 34 63 64 52 51 33 22 21 11 12 42 41 (–) (+) A2 A1 34 63 64 52 51 33 22 21 11 12 42 41 Door Closed (locked) Closed (unlocked) Open Open Closed (unlocked) HS1L-DQ4 63 64 34 33 22 21 11 12 42 41 (+) A2 (–) A1 Door Monitor (Actuator inserted) Lock Monitor (Solenoid OFF) Monitor Circuit: Monitor Circuit: Main Circuit: Main Circuit: 52 51 (+) X2 (–) X1 LED Main Circuit 11–42 ON (closed) OFF (open) OFF (open) OFF (open) OFF (open) Main Circuit 21–52 ON (closed) OFF (open) OFF (open) OFF (open) OFF (open) Door Monitor Circuit (Door Open) 33–34 OFF (open) OFF (open) ON (closed) ON (closed) OFF (open) Lock Monitor Circuit (unlocked) 63-64 OFF (open) ON (closed) ON (closed) ON (closed) ON (closed) Solenoid Power A1-A2 OFF (de-energized) ON (energized) ON (energized) OFF (de-energized) OFF (de-energized) Solenoid Lock Type • Interlock Switch Status Status 1 Status 2 Status 3 Status 4 Manual Unlock Door Closed • Machine ready to • operate Solenoid energized • Door Closed • Machine cannot be • operated Solenoid de-energized • Door Open • Machine cannot be • operated Solenoid de-energized • Door Open • Machine cannot be • operated Solenoid energized • Door Closed • Machine cannot be • operated Solenoid de-energized • to energized Door Status UNLOCK Unlock position Circuit Diagram (HS1L-DQ4) (–) (+) A2 A1 34 63 64 52 51 33 22 21 11 12 42 41 (–) (+) A2 A1 34 63 64 52 51 33 22 21 11 12 42 41 (–) (+) A2 A1 34 63 64 52 51 33 22 21 11 12 42 41 (–) (+) A2 A1 34 63 64 52 51 33 22 21 11 12 42 41 (–) (+) A2 A1 34 63 64 52 51 33 22 21 11 12 42 41 Door Closed (locked) Closed (unlocked) Open Open Closed (unlocked) HS1L-DQ7Y 63 64 34 33 22 21 11 12 42 41 52 51 (+) A2 (–) A1 Lock Monitor (Solenoid ON) Monitor Circuit: Monitor Circuit: Main Circuit: Main Circuit: (+) X2 (–) X1 Door Monitor (Actuator inserted) LED Main Circuit 11–42 ON (closed) OFF (open) OFF (open) OFF (open) OFF (open) Main Circuit 21–52 ON (closed) OFF (open) OFF (open) OFF (open) OFF (open) Door Monitor Circuit (Door Open) 33–34 OFF (open) OFF (open) ON (closed) ON (closed) OFF (open) Lock Monitor Circuit (unlocked) 63-64 OFF (open) ON (closed) ON (closed) ON (closed) ON (closed) Solenoid Power A1-A2 ON (energized) OFF (de-energized) OFF (de-energized) ON (energized) (Note 2) OFF to ON (Note 1) (Note 2) Note 1: Do not attempt manual unlocking while the solenoid is energized. Note 2: Do not energize the solenoid for a long period of time while the door is open or manually unlocked. Operation Characteristics (reference) • The operation characteristics show the contact status when the • actuator enters into the center of the entry slot. The circuit No. 12-41 and 22-51 are interconnected. Use circuits • 11-42 and 21-52 for safety circuits (In HS1L-R type, circuit 12-41 is interconnected.) 30.0 10.0 4.2 (Locked position) 0 (Actuator insertion position) 7.0 Door Monitor Circuit (Door closed,NC) Lock Monitor Circuit (Locked, NC) Door Monitor Circuit (Door open, NO) Main Circuit Lock Monitor Circuit (Unlocked, NO) Contacts ON (closed) Contacts OFF (open) (Approx. travel in mm) |