Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HS1L-R7Y4KMSRM-R Fiches technique(PDF) 4 Page - IDEC Corporation

No de pièce HS1L-R7Y4KMSRM-R
Description  HS1L Interlock Switches with Solenoid
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDEC [IDEC Corporation]
Site Internet  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS1L-R7Y4KMSRM-R Fiches technique(HTML) 4 Page - IDEC Corporation

  HS1L-R7Y4KMSRM-R Datasheet HTML 1Page - IDEC Corporation HS1L-R7Y4KMSRM-R Datasheet HTML 2Page - IDEC Corporation HS1L-R7Y4KMSRM-R Datasheet HTML 3Page - IDEC Corporation HS1L-R7Y4KMSRM-R Datasheet HTML 4Page - IDEC Corporation HS1L-R7Y4KMSRM-R Datasheet HTML 5Page - IDEC Corporation HS1L-R7Y4KMSRM-R Datasheet HTML 6Page - IDEC Corporation HS1L-R7Y4KMSRM-R Datasheet HTML 7Page - IDEC Corporation HS1L-R7Y4KMSRM-R Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
HS1L Interlock Switches with Solenoid
Dimensions and Mounting Hole Layouts (mm)
Actuator Mounting Reference Position
•
Asshowninthefigureontheright,themountingreference
position of the actuator, when inserted in the interlock switch, is
where the actuator stop placed on the actuator lightly touches the
interlock switch.
Note: After mounting the actuator, remove the actuator cover and
stopfilm.
Interlock switch when using
•
L-shaped actuator (HS9Z-A2S)
Note: Plug the unused actuator entry slot with the slot plug supplied with the interlock switch.
*
Install the interlock switch using four mounting screws when using the actuator entry slot vertical to the mounting panel,
and three mounting screws when using the actuator entry slot horizontal to the mounting panel.
Note:Theactuatorcoverandtheactuatorstopfilmaresuppliedwith
the actuator and used when adjusting the actuator position.
Remove them after the actuator position has been determined.
∗
When using the actuator entry slot
vertical to the mounting panel.
89
4-M5
Screws
Interlock Switch Mounting Hole Layout
44.7
89
61
21
4
104
10
36
19.2
88
55.8
33
Actuator Entry Slot
(Vertical to mounting panel)
Actuator Entry Slot
(Horizontal to
mounting panel)
HS9Z-A1S Actuator
Slot Plug
(supplied with the switch)
(Note)
Actuator mounting
reference position
(3.5±0.5)
5
22
Actuator Cover
Rubber Bushing
Straight Actuator (HS9Z-A1S)
•
L-shaped Actuator (HS9Z-A2S)
•
18.5
0.8
ø15.
0
49.3
9
Actuator Cover
(gray) (Note)
Actuator
Mounting Hole
Layout
2-M5
Screws
11.5
11.5
3
0.8
42.6
(45.1)
20.5
ø5.1
ø15
When
mounted (8)
Actuator Cover
(gray) (Note)
Actuator Mounting
Hole Layout
2-M5 Screws
17.5 ±0.5
11.5
(51.3)
HS9Z-A2S Actuator
Actuator Cover
Rubber Bushing
Actuator mounting
reference position
Interlock switch when using
•
straight actuator (HS9Z-A1S)
5
30
20
R3.2
18
2
2-M6 Screws
Door Hinge
Angle Adjustment Screw
(M3 hexagon sockethead bolt)
Actuator Stop
Film (supplied
with the actuator)
11.5
11.5
3
0.8
42.6
(45.1)
20.5
ø5.1
ø15
When
mounted (8)
Actuator Cover
(gray) (Note)
Actuator Mounting
Hole Layout
2-M5 Screws
Angle Adjustable (vertical) Actuator
•
(HS9Z-A3S)
HS9Z-A1S
Actuator
Acuator
Cover
Interlock
Switch
Door Stop
Door Stop
Acuator Cover
Interlock
Switch
Interlock
Switch
HS9Z-A2S
Actuator
HS9Z-A3S
Actuator
Actuator
Stop Film



Html Pages

1 2 3 4 5 6 7 8