Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HS1L-R7Y4KMSR-R Fiches technique(PDF) 3 Page - IDEC Corporation

No de pièce HS1L-R7Y4KMSR-R
Description  HS1L Interlock Switches with Solenoid
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDEC [IDEC Corporation]
Site Internet  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS1L-R7Y4KMSR-R Fiches technique(HTML) 3 Page - IDEC Corporation

  HS1L-R7Y4KMSR-R Datasheet HTML 1Page - IDEC Corporation HS1L-R7Y4KMSR-R Datasheet HTML 2Page - IDEC Corporation HS1L-R7Y4KMSR-R Datasheet HTML 3Page - IDEC Corporation HS1L-R7Y4KMSR-R Datasheet HTML 4Page - IDEC Corporation HS1L-R7Y4KMSR-R Datasheet HTML 5Page - IDEC Corporation HS1L-R7Y4KMSR-R Datasheet HTML 6Page - IDEC Corporation HS1L-R7Y4KMSR-R Datasheet HTML 7Page - IDEC Corporation HS1L-R7Y4KMSR-R Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HS1L Interlock Switches with Solenoid
Types
Lock
Mechanism
Circuit
Code
ContactConfiguration
Manual
Unlocking
Key
Conduit
Port Size
LED
Indicator
Part Number
Spring Lock
R
Main: 1NC+1NC
Door monitor: 1NO/1NC
Lock monitor: 2NC
Monitor circuit:
Monitor circuit:
Monitor circuit:
Monitor circuit:
22
21
41
42
12
11
33
34
51
52
61
62
Main circuit:
With
G1/2
Red
HS1L-R44KMSR-R
Green
HS1L-R44KMSR-G
PG13.5
Red
HS1L-R44KMSRP-R
Green
HS1L-R44KMSRP-G
M20
Red
HS1L-R44KMSRM-R
Green
HS1L-R44KMSRM-G
DQ
Main: 1NC+1NC
Door monitor: 1NO
1NC+1NC
Lock monitor: 1NO
Main circuit:
Main circuit:
Monitor circuit:
Monitor circuit:
22
21
41
42
12
11
33
34
51
52
63
64
G1/2
Red
HS1L-DQ44KMSR-R
Green
HS1L-DQ44KMSR-G
PG13.5
Red
HS1L-DQ44KMSRP-R
Green
HS1L-DQ44KMSRP-G
M20
Red
HS1L-DQ44KMSRM-R
Green
HS1L-DQ44KMSRM-G
DT
Main: 1NC+1NC
Door monitor: 1NC
1NC+1NC
Lock monitor: 1NC
22
21
41
42
12
11
51
52
32
31
61
62
Main circuit:
Main circuit:
Monitor circuit:
Monitor circuit:
G1/2
Red
HS1L-DT44KMSR-R
Green
HS1L-DT44KMSR-G
PG13.5
Red
HS1L-DT44KMSRP-R
Green
HS1L-DT44KMSRP-G
M20
Red
HS1L-DT44KMSRM-R
Green
HS1L-DT44KMSRM-G
Solenoid Lock
R
(+)
X2
(−)
X1
(+)
A2
(−)
A1
LED
Door Monitor
(Actuator Inserted)
Lock Monitor
(Solenoid ON)
Main: 1NC+1NC
Door monitor: 1NO/1NC
Lock monitor: 2NC
Monitor circuit:
Monitor circuit:
Monitor circuit:
Monitor circuit:
22
21
41
42
12
11
33
34
51
52
61
62
Main circuit:
With
G1/2
Red
HS1L-R7Y4KMSR-R
Green
HS1L-R7Y4KMSR-G
PG13.5
Red
HS1L-R7Y4KMSRP-R
Green
HS1L-R7Y4KMSRP-G
M20
Red
HS1L-R7Y4KMSRM-R
Green
HS1L-R7Y4KMSRM-G
DQ
Main: 1NC+1NC
Door monitor: 1NO
1NC+1NC
Lock monitor: 1NO
Main circuit:
Main circuit:
Monitor circuit:
Monitor circuit:
22
21
41
42
12
11
33
34
51
52
63
64
G1/2
Red
HS1L-DQ7Y4KMSR-R
Green
HS1L-DQ7Y4KMSR-G
PG13.5
Red
HS1L-DQ7Y4KMSRP-R
Green
HS1L-DQ7Y4KMSRP-G
M20
Red
HS1L-DQ7Y4KMSRM-R
Green
HS1L-DQ7Y4KMSRM-G
DT
Main: 1NC+1NC
Door monitor: 1NC
1NC+1NC
Lock monitor: 1NC
22
21
41
42
12
11
51
52
32
31
61
62
Main circuit:
Main circuit:
Monitor circuit:
Monitor circuit:
G1/2
Red
HS1L-DT7Y4KMSR-R
Green
HS1L-DT7Y4KMSR-G
PG13.5
Red
HS1L-DT7Y4KMSRP-R
Green
HS1L-DT7Y4KMSRP-G
M20
Red
HS1L-DT7Y4KMSRM-R
Green
HS1L-DT7Y4KMSRM-G
Thecontactconfigurationshowsthestatuswhentheactuatorisinsertedandtheswitchislocked.
•
Actuators are not supplied with the interlock switch and must be ordered separately.
•
11
12
21
22
41
42
51
52
A1
A2
X2 X1
31/33
32/34
61/63
62/64
Terminal Numbers
11-42: Main circuit
21:
Main circuit or monitor circuit (door monitor)
22:
Monitor circuit (door monitor)
31/33: Monitor circuit (door monitor)
32/34: Monitor circuit (door monitor)
51:
Monitor circuit (lock monitor)
52:
Main circuit or monitor circuit (lock monitor)
61/63: Monitor circuit (lock monitor)
62/64: Monitor circuit (lock monitor)
A1:
Solenoid (–)
A2:
Solenoid (+)
X1:
LED (–)
X2:
LED (+)
*
There is no wiring between 22-51 with circuit code R.
(+)
X2
(−)
X1
(+)
A2
(−)
A1
LED
Door Monitor
(Actuator Inserted)
Lock Monitor
(Solenoid OFF)



Html Pages

1 2 3 4 5 6 7 8