Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVB-LIV3F Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce EVB-LIV3F
Description  Teseo-LIV3F GNSS module Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVB-LIV3F Fiches technique(HTML) 2 Page - STMicroelectronics

  EVB-LIV3F Datasheet HTML 1Page - STMicroelectronics EVB-LIV3F Datasheet HTML 2Page - STMicroelectronics EVB-LIV3F Datasheet HTML 3Page - STMicroelectronics EVB-LIV3F Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HW and SW resources
EVB-LIV3F
2/4
DocID031270 Rev 1
1
HW and SW resources
1.1
ST GNSS solutions
Teseo-LIV3F is part of ST Teseo GNSS family solution supported.
1.2
Power supply
Board powered thought USB or battery for standalone usage. Battery charger supported.
1.3
NMEA port supported:
 Teseo-LIV3F-UART over USB (2)
 Teseo-LIV3F-I2C
1.4
Connectors
 Antenna SMA Female
 Teseo-LIV3F-I2C signals available (on 4x1 connector)
 VCC, VCC_IO voltage available for power estimation (on 2x2 connector)
1.5
Kit contents
 Teseo-LIV3F evaluation board
 GNSS Antenna
 USB cable
2.
UART/USB bridge driver needed. Driver can be downloaded from Silabs web site



Html Pages

1 2 3 4