| Moteur de recherche de fiches techniques de composants électroniques |
|
WIZ110SR Fiches technique(PDF) 21 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
WIZ110SR Fiches technique(HTML) 21 Page - WIZnet Co., Ltd |
|
21 / 31 page ![]() Copyrig 4. S 4.1. It is p By in can b <Fr Com Rep STX Rep ght © WIZnet Serial Co Serial C possible to c putting spec be defined at rame Form mmand Fram Descripto Length(byt ply Frame fo Descripto Length(byt X & ETX ply Code t All Rights R onfigurat Command onfigure WIZ cified 3 chara t the Configu mat> me format or ST tes) 1 Tabl ormat or ST tes) 1 Table 4. Tab Reply C S C F C 0 I 1 I 2 I 3 I E E Tab Reserved tion Format Z110SR by us acters you c uration Tool. TX Co 1 e 3. Serial C TX R 1 . Serial Con Setting STX ETX ble 5. Serial Comments Command wa Command fa nvalid STX nvalid comm nvalid param nvalid ETX Enter serial c ble 6. Serial sing serial co an enter int . ommand code 2 Configuratio Reply code 1 nfiguration R Comments ‘<’ : Hex = ‘>’ : Hex = l Configurat as successfu ailed mand meter command mo Configurati ommand. o the config e on Frame Fo Reply Frame s 3Ch 3Eh tion STX & E ul ode ion Reply C WI uration mod Parameter Variable ormat Parameter Variable e Format ETX ode IZ110SR | 21 de. The chara r r 1 page acters ETX 1 ETX 1 |