| Moteur de recherche de fiches techniques de composants électroniques |
|
ADALM2000 Fiches technique(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADALM2000 Fiches technique(HTML) 1 Page - Analog Devices |
|
1 / 2 page ![]() Active Learning Enabled by the ADALM2000 ACTIVE LEARNING MODULE Visit analog.com ADI’s Hands-On Learning Labs Improve Education The ADALM2000 (M2K) active learning module is an affordable, USB-powered, software-defined instrument that takes the capabilities of the ADALM1000 (M1K) active learning module to the next level. With 12-bit ADCs and DACs running at 100 MSPS, the M2K brings the power of high performance lab equipment to the palm of your hand, enabling electrical engineering students and hobbyists to explore signals and systems up to tens of MHz without the cost and bulk associated with traditional lab gear. The M2K, working with open-source Scopy graphical application software, provides the user with many high performance instrumentation options. Program Benefits X Provides access to real circuits and concepts used in an actual real-time engineering environment X Available online resources support educators and guide students to master difficult engineering concepts X Hands-on activities stimulate interest and accelerate learning in fundamental engineering concepts X Helps to develop critical thinking skills needed for career development X Free downloadable lectures, labs, and course materials make curriculum deployments a breeze Kit Includes X Analog Devices ADALM2000 active learning module X Cables X One USB cable To purchase this active learning module, visit analog.com/adalm2000 ADALM2000 module. |
Numéro de pièce similaire - ADALM2000 |
|
Description similaire - ADALM2000 |