Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

32L476GDISCOVERY Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce 32L476GDISCOVERY
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32L476GDISCOVERY Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button 32L476GDISCOVERY Datasheet HTML 15Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 16Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 17Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 18Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 19Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 20Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 21Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 22Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
DocID028080 Rev 1
19/37
UM1919
Demonstration functional description
36
4.4.3
Audio record
Overview
The audio record module application (Record) allows to demonstrate the audio recording
capability of the STM32L476G discovery board thanks to the MP34DT01 embedded digital
microphone.
Figure 12. Audio record application menu selection
Features
•
48 kHz audio recording in .wav format.
•
Audio file stored in the Quad-SPI Flash memory (N25Q128A13)
The LED LD5 blinks continuously during the recording. Press the joystick LEFT key to stop
recording and exit from the application mode. Use player application to playback the audio
recording samples.
Architecture
Figure 13 shows the different audio player parts and their connections and interactions with
the external components.
Figure 13. Audio recorder architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37