Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSPIN32G4 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STSPIN32G4
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 34Page - STMicroelectronics STSPIN32G4 Datasheet HTML 35Page - STMicroelectronics STSPIN32G4 Datasheet HTML 36Page - STMicroelectronics STSPIN32G4 Datasheet HTML 37Page - STMicroelectronics STSPIN32G4 Datasheet HTML 38Page - STMicroelectronics STSPIN32G4 Datasheet HTML 39Page - STMicroelectronics STSPIN32G4 Datasheet HTML 40Page - STMicroelectronics STSPIN32G4 Datasheet HTML 41Page - STMicroelectronics STSPIN32G4 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Figure 24. VFQFPN 9X9X1.0 64 PITCH 0.50 package outline
STSPIN32G4
Package information
DS13630 - Rev 1
page 38/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48