| Moteur de recherche de fiches techniques de composants électroniques |
|
STSAFE-J100 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSAFE-J100 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 10 page ![]() DB3055 Rev 3 5/10 STSAFE-J100 Description 9 1.2 Pin and signal description Figure 1. VQFN32 pinout Table 1. Pin descriptions Signal Type Description GND Input GND has to be connected to the main motherboard ground. RESET Input Reset used to re-initialize the device IO0/SDA I/O ISO 7816 IO0 pin or I2C serial data pin depending on the selected configuration (ISO or I2C) VCC Power Power supply pin SCL/CLK Input ISO 7816 clock pin or I2C clock pin(1) depending on the selected configuration (ISO or I2C) 1. Pin 27 and pin 25 are connected internally. |