Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMIPID02 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STMIPID02
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STMIPID02 Datasheet HTML 35Page - STMicroelectronics STMIPID02 Datasheet HTML 36Page - STMicroelectronics STMIPID02 Datasheet HTML 37Page - STMicroelectronics STMIPID02 Datasheet HTML 38Page - STMicroelectronics STMIPID02 Datasheet HTML 39Page - STMicroelectronics STMIPID02 Datasheet HTML 40Page - STMicroelectronics STMIPID02 Datasheet HTML 41Page - STMicroelectronics STMIPID02 Datasheet HTML 42Page - STMicroelectronics STMIPID02 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
11.5.3
CCP2 serial receiver timing (DATA1P1/N1, CLKP1/N1 and DATA1P2/N2, CLKP2/N2)
Table 14. CCP2 serial receiver data/clock (class 0) input timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
tDS
Data setup time
1
—
—
ns
tCKP
Clock period
4.8
Figure 12. CCP2 data/clock input timing
PCLK
tDS
tCKP
PDATA
Valid
Table 15. CCP2 serial receiver data/strobe (class 2) input timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
tDS
Data to strobe
edge setup time
tCKP-780
tCKP
tCKP+780
ps
tCKP
Transmission clock
period
1.56
ns
Figure 13. CCP2 data/strobe input timing
Transmission CLK
tDS
tCKP
PDATA
PCLK
(STROBE)
STMIPID02
AC electrical characteristics
DS12803 - Rev 1
page 39/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50