| Moteur de recherche de fiches techniques de composants électroniques |
|
6002 Fiches technique(PDF) 2 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
6002 Fiches technique(HTML) 2 Page - 3M Electronics |
|
2 / 8 page ![]() 2 3M Reusable Respirators Technology Innovations Over the Years 3M™ Ultimate FX Full Facepiece Reusable Respirator FF-400 Series Comfortable, durable protection for demanding, X-treme conditions The lightweight Ultimate FX FF-400 was developed to provide maximum comfort and durability with unique features that make it the optimal choice for a variety of industrial applications: Large Lens Featuring Scotchgard™ Protector • Paint and stain-resistant lens—3M’s exclusive Scotchgard™ coating causes some paints and stains to bead up on the surface so they can be wiped off easily • Helps lens stay clearer during some spray applications • Provides a wide field of view Easy to Use • Respirator attachments twist on and off easily for quick assembly and disassembly Soft, Silicone Nose Cup and Faceseal • Engineered for maximum durability, comfort and resilience • Three sizes help the respirator fit a broad range of face shapes and sizes Comfort Cradle • Positions the respirator more comfortably on the head Durable, Long-lasting Head Harness • Features a six-strap configuration for a secure fit • Harness straps pulled over one million times in development durability testing Cool Flow™ Valve • Allows for easier breathing • Reduces heat and moisture buildup for cool, dry comfort 3M offers the first reusable “Maintenance-Free” Half Facepiece Respirator 1977 3M manufactures a “swept- back” designed cartridge for its 5000 Series Facepiece for better peripheral vision and weight distribution 1987 3M develops first disc filters with loaded web filter media—the first non-woven, non-fiberglass filters 1992 3M launches its 6000 Series Full Facepiece Respirator offering best-in-class field of view and lightweight characteristics 1996 2 Bonded Silicone Gaskets • Eliminates loose gaskets that can be lost Passive Speaking Diaphragm • Optimally positioned for clearer and easier communications 3M designs and develops the “bayonet-style” cartridge connection 1989 3M develops and incorporates a new integral filter technology in its 4000 Series Facepiece, creating a lighter weight respirator 1991 FF 401 (Small) FF 402 (Medium) FF 403 (Large) |