| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32G070RB Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G070RB Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 93 page ![]() Functional overview STM32G070CB/KB/RB 28/93 DS12766 Rev 2 3.20 Development support 3.20.1 Serial wire debug port (SW-DP) An Arm SW-DP interface is provided to allow a serial wire debugging tool to be connected to the MCU. Table 9. SPI/I2S implementation SPI features(1) 1. X = supported. SPI1 SPI2 Hardware CRC calculation X X Rx/Tx FIFO X X NSS pulse mode X X I2S mode X - TI mode X X |