| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32G070KB Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G070KB Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 93 page ![]() Pinouts, pin description and alternate functions STM32G070CB/KB/RB 34/93 DS12766 Rev 2 24 35 45 PA13 I/O FT (5) SWDIO, IR_OUT, EVENTOUT - 25 36 46 PA14-BOOT0 I/O FT (5) SWCLK, USART2_TX, EVENTOUT BOOT0 26 37 47 PA15 I/O FT - SPI1_NSS/I2S1_WS, USART2_RX, USART4_RTS_DE_CK, USART3_RTS_DE_CK, EVENTOUT - - - 48 PC8 I/O FT - TIM3_CH3, TIM1_CH1 - -- 49 PC9 I/O FT - I2S_CKIN, TIM3_CH4, TIM1_CH2 - -38 50 PD0 I/O FT_c (3) EVENTOUT, SPI2_NSS, TIM16_CH1 - -39 51 PD1 I/O FT_d (3) EVENTOUT, SPI2_SCK, TIM17_CH1 - -40 52 PD2 I/O FT_c (3) USART3_RTS_DE_CK, TIM3_ETR, TIM1_CH1N - -41 53 PD3 I/O FT_d (3) USART2_CTS, SPI2_MISO, TIM1_CH2N - -- 54 PD4 I/O FT - USART2_RTS_DE_CK, SPI2_MOSI, TIM1_CH3N - -- 55 PD5 I/O FT - USART2_TX, SPI1_MISO/I2S1_MCK, TIM1_BKIN - -- 56 PD6 I/O FT - USART2_RX, SPI1_MOSI/I2S1_SD - 27 42 57 PB3 I/O FT_a - SPI1_SCK/I2S1_CK, TIM1_CH2, USART1_RTS_DE_CK, EVENTOUT - 28 43 58 PB4 I/O FT_a - SPI1_MISO/I2S1_MCK, TIM3_CH1, USART1_CTS, TIM17_BKIN, EVENTOUT - 29 44 59 PB5 I/O FT - SPI1_MOSI/I2S1_SD, TIM3_CH2, TIM16_BKIN, I2C1_SMBA WKUP6 Table 11. Pin assignment and description (continued) Pin Number Pin name (function upon reset) Alternate functions Additional functions |