| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32CUBEL4 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32CUBEL4 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 3 page ![]() STM32CubeL4 MCU Package STM32CubeL4 2/3 DocID027922 Rev 4 STM32CubeL4 MCU Package The STM32CubeL4 MCU Package runs on STM32 32-bit microcontrollers based on the Arm® Cortex®-M processor. The package contains a set of middleware components with the corresponding examples. They are delivered in very permissive license terms: • CMSIS-RTOS implementation with FreeRTOS™ open source solution • FAT file system based on open source FatFS solution • STMTouch™ touch sensing solution • STemWin, a professional graphical stack solution available in binary format and based on our partner solution SEGGER emWin • USB Host and Device stack supporting many classes A set of application projects implementing all these middleware components is also provided in the STM32CubeL4 MCU Package. Ordering Information STM32CubeL4 is available for free download from http://www.st.com/stm32cubefw. Revision history Table 1. Document revision history Date Revision Changes 30-Jun-2015 1 Initial version. 14-Sep-2015 2 Added Low Layer API description. 30-Oct-2017 3 Updated schematics, Features, Description and package introducing STM32L4+ Series. 1-Dec-2017 4 Updated title and schematic. Updated Features, Description and STM32CubeL4 MCU Package to introduce the 'STM32CubeL4 MCU Package' denomination. |