Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSW-ESC001V1 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STSW-ESC001V1
Description  Electronic speed controller reference design for drones
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-ESC001V1 Fiches technique(HTML) 2 Page - STMicroelectronics

  STSW-ESC001V1 Datasheet HTML 1Page - STMicroelectronics STSW-ESC001V1 Datasheet HTML 2Page - STMicroelectronics STSW-ESC001V1 Datasheet HTML 3Page - STMicroelectronics STSW-ESC001V1 Datasheet HTML 4Page - STMicroelectronics STSW-ESC001V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
Schematic diagrams
Figure 1. STEVAL-ESC001V1 circuit schematic (1 of 4)
CAN_RX
CAN_TX
+3.3V
+3.3V
+3.3V
+3v3
V-
J1
CAN
1
2
3
4
R2
120
C1
100nF
U1
SN65HVD230
D
1
GND
2
VCC
3
R
4
VREF
5
CANL
6
CANH
7
RS
8
R1
0
TP1
CAN_TX
TP2
CAN_RX
Figure 2. STEVAL-ESC001V1 circuit schematic (2 of 4)
R5
0
1
USART1_RX/I2C1_SDA
R8
510
C7
10nF
C13
100nF
VDDA/VREF+
9
PA9-VH
SWCLK
PA8
29
R6
0N.M
1
R4
220
3
PA12
33
TIM1_CH1
PF0/OSC-IN
5
STATUS
PA0-WKUP
10
J3
PWMINPUT
4
PA10-WH
PHASE_1
SWDIO
+3.3V
PA13
34
C5
100nF
3
VREF
PHASE_3
C8
100nF
J2
UART
1
+3.3V
SWDIO
PA10
CAN_RX
D1
RED
C9
1µF
+3.3V
2
TP9
TP7
PhW
VSSA/VREF-
8
Curr_fdbk3
PA12-VL
TIM1_CH2
PA8-UH
+3.3V
R3
10k
PA1-PhV
USART1_TX/I2C1_SCL
INPUT
TP5
PhU
31
TP8
VSS2
35
+5V
TIM1_CH1N
C2
100nF
+3.3V
PC15
4
PB15
28
J4
SWD
PA1
11
TP4
PC14
3
+3.3V
TP6
PhV
Curr_fdbk1
PB13
26
STATUS
VDD2
36
PB12
25
X18MHz
TP3
GPIO1
PA2
12
1
TIM1_CH2N
R7
510
PA9
30
PA11-UL
GND
3
+3v3
1
INPUT
+3.3V
VBUS
U2
STM32F303CBT7
V-
PHASE_2
C4
1nF
C12
100nF
2
C11
1nF
PB14
27
USART1_TX/I2C1_SCL
+3.3V
PA0-PhU
SWCLK
PB13-BUSV
PPM from FC unit
TIM1_CH3
PA11
32
VBAT
1
D2
GREEN
PC13/TAMP/RTC
2
PF1/OSC-OUT
6
4
CAN_TX
PA2-PhW
USART1_RX/I2C1_SDA
GND
Curr_fdbk2
Temperature feedback
NRST
7
C10
100nF
C3
1nF
2
C6
4.7µF
STEVAL-ESC001V1
Schematic diagrams
DB3230 - Rev 3
page 2/5



Html Pages

1 2 3 4 5