Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST33G640M Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce ST33G640M
Description  M2M industrial secure MCU with 32-bit ARM® SecurCore® SC300??CPU and high-density Flash memory
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33G640M Fiches technique(HTML) 4 Page - STMicroelectronics

  ST33G640M Datasheet HTML 1Page - STMicroelectronics ST33G640M Datasheet HTML 2Page - STMicroelectronics ST33G640M Datasheet HTML 3Page - STMicroelectronics ST33G640M Datasheet HTML 4Page - STMicroelectronics ST33G640M Datasheet HTML 5Page - STMicroelectronics ST33G640M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Software development tool description
ST33GxxxM
4/6
DocID028876 Rev 2
2
Software development tool description
Dedicated SecurCore® SC300™ software development tools are provided by ARM and
Keil®. This includes the Instruction Set Simulator (ISS) and C compiler. The documentation
is available on the ARM and Keil websites.
Moreover, STMicroelectronics provides:
A time-accurate hardware emulator controlled by the Keil debugger and the
STMicroelectronics development environment.
A complete product simulator based on Keil’s ISS simulator for the SecurCore®
SC300™ CPU.
A secured ROMed Flash memory loader with very high-speed software downloading
capabilities.



Html Pages

1 2 3 4 5 6