Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBT3.0DP2 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 14Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 15Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 16Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 17Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 18Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 19Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 20Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 21Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Figure 11. SPBT3.0DP2 to MFi coprocessor interconnections
6.7
PCB layout guidelines
The SPBT3.0DP2 module require proper placement on PCB to ensure optimal performance. The antenna on the
PCB has an omnidirectional radiation pattern. To maximize antenna efficiency, an adequate grounding plane must
be provided under the module, respecting the distance for the antenna clearance.
The position of the module on the host board and overall design of the product enclosure contributes to the
antenna performance. Poor design can limit the antenna radiation patterns and can result in reflection, diffraction,
and/or scattering of the transmitted signal thus limiting the useful operating range.
Basic guidelines:
•
Never place the ground plane or route copper traces directly underneath the antenna portion of the module
•
Keep a 6 mm clear zone surrounding the antenna (no ground planes, no traces)
SPBT3.0DP2
PCB layout guidelines
DS11599 - Rev 7
page 18/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31