Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP08CDC596MTR Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STP08CDC596MTR
Description  8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CDC596MTR Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STP08CDC596MTR Datasheet HTML 7Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 8Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 9Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 10Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 11Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 12Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 13Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 14Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
STP08CDC596
11/20
Phase Three: “Resuming to Normal Mode”
The sequence for re-entering in normal mode is showed in the following Table and diagram:
Table 11: Resuming to Normal Mode Timing Diagram
Figure 16: Resuming to Normal Mode Timing Diagram
For proper device operation the "Entering in detection" sequence must be follow by a "Resume Mode" sequence, isn’t possible to insert con-
secutive equal sequence.
CLK
1°
2°
3°
4°
5°
OE/DM2
H
L
H
H
H
LE/DM1
L
L
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20