Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP08CDC596M Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STP08CDC596M
Description  8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CDC596M Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STP08CDC596M Datasheet HTML 12Page - STMicroelectronics STP08CDC596M Datasheet HTML 13Page - STMicroelectronics STP08CDC596M Datasheet HTML 14Page - STMicroelectronics STP08CDC596M Datasheet HTML 15Page - STMicroelectronics STP08CDC596M Datasheet HTML 16Page - STMicroelectronics STP08CDC596M Datasheet HTML 17Page - STMicroelectronics STP08CDC596M Datasheet HTML 18Page - STMicroelectronics STP08CDC596M Datasheet HTML 19Page - STMicroelectronics STP08CDC596M Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
STP08CDC596
17/20
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.45
6.65
0.254
0.262
Bo
10.3
10.5
0.406
0.414
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-16 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20