Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL-USB2-BLASTER Fiches technique(PDF) 5 Page - Intel Corporation

No de pièce PL-USB2-BLASTER
Description  Intel FPGA Download Cable II User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB2-BLASTER Fiches technique(HTML) 5 Page - Intel Corporation

  PL-USB2-BLASTER Datasheet HTML 1Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 2Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 3Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 4Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 5Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 6Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 7Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 8Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Figure 1.
The Intel FPGA Download Cable II
Note:
For plug and header dimensions, pin names, and operating conditions, see the Intel
FPGA Download Cable II Specifications chapter.
Related Information
Intel FPGA Download Cable II Specifications on page 8
1.5. Installing the Intel FPGA Download Cable II Driver on Windows
7/8 Systems
You must have system administration (administrator) privileges to install the download
cable drivers.
The download cable drivers are included in the Quartus Prime software installation.
Before you begin the installation, verify that the download cable driver is located in
your directory: \<Quartus Prime system directory>\drivers\usb-blaster-ii.
1. Connect the download cable to your computer’s USB port.
When plugged in for the first time, a message appears stating Device driver
software was not successfully installed.
2. From the Windows Device Manager, locate Other devices and right-click the top
USB-BlasterII.
You need to install drivers for each interface: one for the JTAG interface and one
for the System Console interface.
3. On the right-click menu, click Update Driver Software. The Update Driver
Software - USB BlasterII dialog appears.
1. Setting Up the Intel FPGA Download Cable II
UG-01150 | 2018.04.19
Send Feedback
Intel FPGA Download Cable II User Guide
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17