Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL-USB-BLASTER-RCN Fiches technique(PDF) 13 Page - Intel Corporation

No de pièce PL-USB-BLASTER-RCN
Description  Intel짰 FPGA Download Cable User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB-BLASTER-RCN Fiches technique(HTML) 13 Page - Intel Corporation

Back Button PL-USB-BLASTER-RCN Datasheet HTML 9Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 10Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 11Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 12Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 13Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 14Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 15Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 16Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
A. Additional Information
A.1. Windows Troubleshooting Procedure for Intel FPGA Download
Cable
In the Windows version of the Intel Quartus Prime software, you may encounter that
the Intel FPGA Download Cable may ocassionally not work well; although you may not
observe any problems in the physical connections. In many cases, it is due to:
•
Incorrect Windows settings or some unknown problem with the Intel FPGA
Download Cable driver
•
The version of JTAG related software like Jtagconfig or Jtagserver not matching
the version of Intel Quartus Prime software
•
The version of the Intel FPGA Download Cable driver is old, not proper, or
corrupted
The troubleshooting steps are listed in the following sections.
A.1.1. Jtagconfig version setting (Intel Quartus Prime software root
directory setting)
1. Open a command prompt of Windows OS
2. Execute the following command: Jtagconfig -v
Example message:
Version 18.1.1 Build 646 04/11/2019 SJ Standard Edition
3. If the version in the message does not match the Intel Quartus Prime version that
you use, you must modify the user system variables for your Windows account or
the system variables.
A.1.1.1. Automatic Setting
1. Go to <Quartus Prime software install folder>\quartus\bin64 for
Intel Quartus Prime. Go to <Quartus Prime Programmer install folder>
\qprogrammer\bin64
or <Quartus Prime Programmer install
directory>\qprogrammer\quartus\bin64
for Intel Quartus Prime
Programmer tool.
2. Execute the following command:
qreg.exe --force –jtag –setqdir
3. Intel recommends you verify the environment variables using the manual setting
procedure explained in the section below.
UG-USB81204 | 2020.03.11
Send Feedback
Intel Corporation. All rights reserved. Agilex, Altera, Arria, Cyclone, Enpirion, Intel, the Intel logo, MAX, Nios,
Quartus and Stratix words and logos are trademarks of Intel Corporation or its subsidiaries in the U.S. and/or
other countries. Intel warrants performance of its FPGA and semiconductor products to current specifications in
accordance with Intel's standard warranty, but reserves the right to make changes to any products and services
at any time without notice. Intel assumes no responsibility or liability arising out of the application or use of any
information, product, or service described herein except as expressly agreed to in writing by Intel. Intel
customers are advised to obtain the latest version of device specifications before relying on any published
information and before placing orders for products or services.
*Other names and brands may be claimed as the property of others.
ISO
9001:2015
Registered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17