Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTY050HVEAX Fiches technique(PDF) 5 Page - Honeywell Solid State Electronics Center

No de pièce RTY050HVEAX
Description  Hall-effect Rotary Position Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

RTY050HVEAX Fiches technique(HTML) 5 Page - Honeywell Solid State Electronics Center

  RTY050HVEAX Datasheet HTML 1Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 2Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 3Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 4Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 5Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 6Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 7Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 8Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
sensing.honeywell.com
Hall-effect Rotary Position Sensors
Figure 2. Product Nomenclature
RTY Series
RTP Series
RTP Series Hall-Effect Rotary Position Sensors
Product Nomenclature
005976-1-EN
May 2015
Copyright © 2015 Honeywell International Inc. All Rights Reserved.
For example,
RTP050LVEBX denes an RTP Series Hall-Effect Rotary Position Sensor, 50° (±25°) sensing range angle, 5 Vdc supply
voltage, European pinout style, inverted 4.5 Vdc (left), 0.5 Vdc (right) output type, bare magnet actuator type
LV
Supply Voltage
RTP Series Hall-Effect
Rotary Postion Sensor
with External Actuator
Series
RTP
070
060
050 50° (±25°)
60° (±30°)
70° (±35°)
050
Sensing Range
Angle
090
120
Pinout Style
E
E European:
pin 1 = GND
pin 2 = Vcc
pin 3 = output
180
270 270° (±135°)
90° (±45°)
120° (±60°)
180° (±90°)
LV
HV
5 Vdc
10 Vdc to 30 Vdc
A Standard:
0.5 Vdc (left), 4.5 Vdc (right)
Output Type
350 350° (±175°)
Actuator Type
X
X Bare magnet
A Housed magnet
(carrier type “A”)2
B Inverted:
4.5 Vdc (left), 0.5 Vdc (right)
B
N North American:
pin 1 = Vcc
pin 2 = GND
pin 3 = output
360 360° (±180°)1
1
360° Sensing Range Angle available upon request.
2
Customized housed magnet actuators available upon request.
RTY Series Hall-Effect Rotary Position Sensors
Product Nomenclature
005965-2-EN
XX 2015
Copyright © 2015 Honeywell International Inc. All Rights Reserved.
For example,
RTY050LVEAA denes an RTY Series Hall-Effect Rotary Position Sensor, 50° (±25°) sensing range angle, 5 Vdc supply
voltage, European pinout style, 4.5 Vdc (left), 0.5 Vdc (right) output type, shaft without lever actuation type
LV
Supply Voltage
RTY Series Hall-Effect
Rotary Postion Sensor
with Integral Actuator
Series
RTY
070
060
050 50° (±25°)
60° (±30°)
70° (±35°)
050
Sensing Range
Angle
090
120
Pinout Style
E
E European:
pin 1 = GND
pin 2 = Vcc
pin 3 = output
180
270 270° (±135°)
90° (±45°)
120° (±60°)
180° (±90°)
LV
HV
5 Vdc
10 Vdc to 30 Vdc
A Standard:
0.5 Vdc (left), 4.5 Vdc (right)
Output Type
360 360° (±180°)
Actuator Type
A
X Shaft without lever
A Shaft with lever
B Inverted:
4.5 Vdc (left), 0.5 Vdc (right)
A
N North American:
pin 1 = Vcc
pin 2 = GND
pin 3 = output



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com