Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EDBA164B4PR-1DITF-R Fiches technique(PDF) 63 Page - Micron Technology

No de pièce EDBA164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRON [Micron Technology]
Site Internet  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PR-1DITF-R Fiches technique(HTML) 63 Page - Micron Technology

Back Button EDBA164B4PR-1DITF-R Datasheet HTML 59Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 60Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 61Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 62Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 63Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 64Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 65Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 66Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 67Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 152 page
background image
Figure 40: WRITE Burst with Auto Precharge – WL = 1, BL = 4
Bankn
col addr
Col addr
WRITE
NOP
T0
T1
T2
T3
T4
T5
T6
T7
T8
CK_c
CK_t
CA[9:0]
CMD
DQS_c
DQS_t
DQ
WL = 1
tWR
Transitioning data
NOP
NOP
NOP
NOP
NOP
D
IN A0
D
IN A1
D
IN A2
D
IN A3
ACTIVATE
NOP
Bankn
row addr
Row addr
≥tRPpb
Table 48: PRECHARGE and Auto Precharge Clarification
From
Command
To Command
Minimum Delay Between Commands
Unit
Notes
READ
PRECHARGE to same bank as READ
BL/2 + MAX(2, RU(tRTP/tCK)) - 2
CLK
1
PRECHARGE ALL
BL/2 + MAX(2, RU(tRTP/tCK)) - 2
CLK
1
BST
PRECHARGE to same bank as READ
1
CLK
1
PRECHARGE ALL
1
CLK
1
READ w/AP
PRECHARGE to same bank as READ w/AP
BL/2 + MAX(2, RU(tRTP/tCK)) - 2
CLK
1, 2
PRECHARGE ALL
BL/2 + MAX(2, RU(tRTP/tCK)) - 2
CLK
1
ACTIVATE to same bank as READ w/AP
BL/2 + MAX(2, RU(tRTP/tCK)) - 2 + RU(tRPpb/
tCK)
CLK
1
WRITE or WRITE w/AP (same bank)
Illegal
CLK
3
WRITE or WRITE w/AP (different bank)
RL + BL/2 + RU(tDQSCKmax/tCK) - WL + 1
CLK
3
READ or READ w/AP (same bank)
Illegal
CLK
3
READ or READ w/AP (different bank)
BL/2
CLK
3
WRITE
PRECHARGE to same bank as WRITE
WL + BL/2 + RU(tWR/tCK) + 1
CLK
1
PRECHARGE ALL
WL + BL/2 + RU(tWR/tCK) + 1
CLK
1
BST
PRECHARGE to same bank as WRITE
WL + RU(tWR/tCK) + 1
CLK
1
PRECHARGE ALL
WL + RU(tWR/tCK) + 1
CLK
1
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
PRECHARGE Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
63
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More