| Moteur de recherche de fiches techniques de composants électroniques |
|
MMPF0100 Fiches technique(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0100 Fiches technique(HTML) 39 Page - NXP Semiconductors |
|
39 / 136 page ![]() NXP Semiconductors 39 PF0100 FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS Figure 11. SW1A/B/C single phase block diagram 6.4.4.3.2 SW1A/B single phase - SW1C independent mode In this configuration, SW1A/B is connected as a single phase with a single inductor, while SW1C is used as an independent output, using its own inductor and configurations parameters. This configuration allows reduced component count by using only one inductor for SW1A/ B. As mentioned before, SW1A/B and SW1C operate independently from one another, thus, they can be operated with a different voltage set point for normal, standby, and sleep modes, as well as switching mode selection and on/off control. Figure 12 shows the physical connection for SW1A/B in single phase and SW1C as an independent output. Driver Controller SW1AIN SW1ALX SW1FB ISENSE COSW1A CINSW1A LSW1 I2C Interface SW1A/B/C SW1AMODE SW1AFAULT VIN Driver Controller SW1BIN SW1BLX ISENSE CINSW1B SW1BMODE SW1BFAULT VIN EA Z1 Z2 Internal Compensation VREF DAC I2C Driver Controller EA Z1 Z2 Internal Compensation SW1CIN SW1CLX SW1CFB ISENSE CINSW1C EP SW1CMODE SW1CFAULT VREF DAC I2C VIN |