| Moteur de recherche de fiches techniques de composants électroniques |
|
LM75BDP Fiches technique(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LM75BDP Fiches technique(HTML) 28 Page - NXP Semiconductors |
|
28 / 37 page ![]() LM75B All information provided in this document is subject to legal disclaimers. © NXP B.V. 2015. All rights reserved. Product data sheet Rev. 6.1 — 6 February 2015 28 of 37 NXP Semiconductors LM75B Digital temperature sensor and thermal watchdog 14.4 Reflow soldering Key characteristics in reflow soldering are: • Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads to higher minimum peak temperatures (see Figure 25) than a SnPb process, thus reducing the process window • Solder paste printing issues including smearing, release, and adjusting the process window for a mix of large and small components on one board • Reflow temperature profile; this profile includes preheat, reflow (in which the board is heated to the peak temperature) and cooling down. It is imperative that the peak temperature is high enough for the solder to make reliable solder joints (a solder paste characteristic). In addition, the peak temperature must be low enough that the packages and/or boards are not damaged. The peak temperature of the package depends on package thickness and volume and is classified in accordance with Table 20 and 21 Moisture sensitivity precautions, as indicated on the packing, must be respected at all times. Studies have shown that small packages reach higher temperatures during reflow soldering, see Figure 25. Table 20. SnPb eutectic process (from J-STD-020D) Package thickness (mm) Package reflow temperature ( C) Volume (mm3) < 350 350 < 2.5 235 220 2.5 220 220 Table 21. Lead-free process (from J-STD-020D) Package thickness (mm) Package reflow temperature ( C) Volume (mm3) < 350 350 to 2000 > 2000 < 1.6 260 260 260 1.6 to 2.5 260 250 245 > 2.5 250 245 245 |