Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C850KC Fiches technique(PDF) 21 Page - Advanced Micro Devices

No de pièce AM79C850KC
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850KC Fiches technique(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C850KC Datasheet HTML 17Page - Advanced Micro Devices AM79C850KC Datasheet HTML 18Page - Advanced Micro Devices AM79C850KC Datasheet HTML 19Page - Advanced Micro Devices AM79C850KC Datasheet HTML 20Page - Advanced Micro Devices AM79C850KC Datasheet HTML 21Page - Advanced Micro Devices AM79C850KC Datasheet HTML 22Page - Advanced Micro Devices AM79C850KC Datasheet HTML 23Page - Advanced Micro Devices AM79C850KC Datasheet HTML 24Page - Advanced Micro Devices AM79C850KC Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
P R E L I M I N A R Y
AMD
21
SUPERNET 3
MEIND0 and MEIND1 bits in the mode register 3
(MDREG3).
MEIND1
MEIND0
Description
0
0
Default SUPERNET 2 behavior
0
1
Set A, C as in ONLINE mode.
This overrides OSM status
indicator setting (i.e., if MDREG1
bits MMODE2=0, MMODE1=1,
MMODE0=0).
1
0
Set A, C as in OSM mode.
This overrides the MMODE2–0
bits in the MDREG2 for the status
indicator setting.
1
1
Do not set the A, C indicators in
any mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97