| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5055A Fiches technique(PDF) 21 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5055A Fiches technique(HTML) 21 Page - ams AG |
|
21 / 31 page ![]() ams Datasheet Page 21 [v2-06] 2014-Oct-14 Document Feedback AS5055A − Registers Possible Conditions which force the Error Flag to be set: • Wrong parity • Wrong command • Wrong number of clocks Note(s): If the error flag is set to 1 because of a communication problem the flag remains set until a Clear Error Flag Command is executed. No Operation (0x0000) The No Operation (NOP) command represents a dummy write to the AS5055A. If no error happens the chip responds with 0x0000. Figure 27: NOP Command AGC – Automatic Gain Control (0x3FF8) Writing a value different than zero to this register, stops the AGC loop and keeps a constant AGC value. Figure 28: AGC Angular Data (0x3FFF) Figure 29: Angular Data Bit 15 14 13 12 11 10 98765 4 3 2 1 0 Content 0 0 0 0 0 0 0 0 0 0 0 0 00 0PAR Name Read/Write Bit Position Description AGC R/W 5:0 Automatic Gain Control value Name Read/Write Bit Position Description Alarm Lo R 13 Alarm flag, which indicates a too weak magnetic field Alarm Hi R 12 Alarm flag, which indicates a too strong magnetic field Angle Value R 11:0 Angular value in 12 bit binary code |