Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5045 Fiches technique(PDF) 39 Page - ams AG

No de pièce AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Fiches technique(HTML) 39 Page - ams AG

Back Button AS5045 Datasheet HTML 35Page - ams AG AS5045 Datasheet HTML 36Page - ams AG AS5045 Datasheet HTML 37Page - ams AG AS5045 Datasheet HTML 38Page - ams AG AS5045 Datasheet HTML 39Page - ams AG AS5045 Datasheet HTML 40Page - ams AG AS5045 Datasheet HTML 41Page - ams AG AS5045 Datasheet HTML 42Page - ams AG AS5045 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
ams Datasheet
Page 39
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Package Drawings & Markings
Figure 37:
Vertical Cross Section of SSOP-16
Note(s):
1. All dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47