Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3956 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Fiches technique(HTML) 13 Page - ams AG

Back Button AS3956_V01 Datasheet HTML 9Page - ams AG AS3956_V01 Datasheet HTML 10Page - ams AG AS3956_V01 Datasheet HTML 11Page - ams AG AS3956_V01 Datasheet HTML 12Page - ams AG AS3956_V01 Datasheet HTML 13Page - ams AG AS3956_V01 Datasheet HTML 14Page - ams AG AS3956_V01 Datasheet HTML 15Page - ams AG AS3956_V01 Datasheet HTML 16Page - ams AG AS3956_V01 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
ams Datasheet
Page 13
[v1-11] 2018-Nov-14
Document Feedback
AS3956 − Detailed Description
Analog Frontend (AFE)
The AFE is connected to external tag coil, which together with
the integrated resonant capacitor forms an LC tank resonating
at the external electromagnetic field frequency (13.56 MHz).
Figure 12 depicts the main AFE building blocks.
Figure 12:
PICC AFE Block Diagram
Rectifier extracts DC power supply from the AC voltage
induced on coil terminals.
Limiter limits the maximum voltage on coil terminals to protect
AFE from destruction. At voltages that exceed limiter voltage it
starts to absorb current (acts as some sort of shunt regulator).
Modulator Switch is used for communication the NFC tag to a
NFC device. When switched on it will draw current from coil
terminals. This mechanism is called load modulation. Variation
of current in the modulator switch (ON and OFF state) is seen
as modulation by the NFC device.
Detailed Description
HF
PON
RECTIFIER
MODULATOR
SWITCH
LIMITER
DEMODULATOR
CLOCK
EXTRACTOR
LC1
LC2
NFC Type 2
Tag Logic
EXTERNAL
REGULATOR
BIAS
VP_REG
INTERNAL
REGULATOR
VP_INT
VREC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More