Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3955 Fiches technique(PDF) 21 Page - ams AG

No de pièce AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Fiches technique(HTML) 21 Page - ams AG

Back Button AS3955_V01 Datasheet HTML 17Page - ams AG AS3955_V01 Datasheet HTML 18Page - ams AG AS3955_V01 Datasheet HTML 19Page - ams AG AS3955_V01 Datasheet HTML 20Page - ams AG AS3955_V01 Datasheet HTML 21Page - ams AG AS3955_V01 Datasheet HTML 22Page - ams AG AS3955_V01 Datasheet HTML 23Page - ams AG AS3955_V01 Datasheet HTML 24Page - ams AG AS3955_V01 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
ams Datasheet
Page 21
[v1-04] 2016-Feb-03
Document Feedback
AS3955 − Detailed Description
Figure 17:
AS3955 State Diagram
SENSE State
After a power-on reset (POR), AS3955 switches to the SENSE
state. This state is exited when a SENS_REQ or an ALL_REQ
command is received from the NFC device. Any other data
received while in this state is interpreted as an error and AS3955
remains in SENSE state.
When in SELECTED or AUTHENTICATED state, a correctly
executed SLP_REQ command will modify the default waiting
state from SENSE to SLEEP state. SLEEP state can be exited when
an ALL_REQ command is received.
POWER OFF
(RF field off)
SENSE
SLEEP
AUTHENTICATED
Reset
ALL_REQ
SENS_REQ
ALL_REQ
WRITE
Authentication Password
READ (16 bytes)
WRITE (4 bytes)
GET VERSION
RESOLUTION
ANTI-COLLISION
SEL_REQ
SLP_REQ
SLP_REQ
SELECTED
READ (16 bytes)
WRITE (4 bytes)
GET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More