| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3911 Fiches technique(PDF) 3 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3911 Fiches technique(HTML) 3 Page - ams AG |
|
3 / 159 page ![]() ams Datasheet Page 3 [v2-11] 2016-Jun-13 Document Feedback AS3911 − General Description Applications The AS3911 is suitable for a wide range of applications including: • EMV Payment • Access Control • NFC Infrastructure • Ticketing Block Diagram The functional blocks of this device for reference are shown below: Figure 2: AS3911 Block Diagram POR & Bias A/D Converter XTO XTI RFO1 RFO 2 RFI1 RFI2 VDD CSI CSO VDD_IO AS3911 Regulators XTAL Oscillator RC Oscillator A/D Converter Transmitter Phase & Amplitude Detector Receiver External Field Detector Capacitor Sensor LOGIC FIFO Control Logic SPI Interface Framing Wake-up Timer TRIMx SPI Level Shifters IRQ MCU_CLK POR & Bias |