Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3722 Fiches technique(PDF) 21 Page - ams AG

No de pièce AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Fiches technique(HTML) 21 Page - ams AG

Back Button AS3722 Datasheet HTML 17Page - ams AG AS3722 Datasheet HTML 18Page - ams AG AS3722 Datasheet HTML 19Page - ams AG AS3722 Datasheet HTML 20Page - ams AG AS3722 Datasheet HTML 21Page - ams AG AS3722 Datasheet HTML 22Page - ams AG AS3722 Datasheet HTML 23Page - ams AG AS3722 Datasheet HTML 24Page - ams AG AS3722 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 198 page
background image
ams Datasheet
Page 21
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
Mode Settings
Low Ripple, Low Noise Operation
Bit settings: sdX_low_noise=1
In this mode there is no minimum coil current necessary before
switching off the PMOS. As long as the load current is superior
to the ripple current the device operates in continuous mode.
Figure 10:
DC/DC Buck Continuous Mode
DC/DC Buck Continuous Mode: Shows the DC/DC switching waveforms of for SD5 at about 500mA.
When the load current gets lower, the discontinuous mode is
triggered. As result, the auto-zero comparator stops the NMOS
conduction to avoid load discharger and the duty cycle is
reduced down to tmin_on to keep the regulation loop stable.
This results in a very low ripple and noise, but decreased
efficiency, at light loads, especially at low input to output
voltage differences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More