Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5132 Fiches technique(PDF) 39 Page - ams AG

No de pièce AS5132
Description  360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5132 Fiches technique(HTML) 39 Page - ams AG

Back Button AS5132 Datasheet HTML 32Page - ams AG AS5132 Datasheet HTML 33Page - ams AG AS5132 Datasheet HTML 34Page - ams AG AS5132 Datasheet HTML 35Page - ams AG AS5132 Datasheet HTML 36Page - ams AG AS5132 Datasheet HTML 37Page - ams AG AS5132 Datasheet HTML 38Page - ams AG AS5132 Datasheet HTML 39Page - ams AG AS5132 Datasheet HTML 40Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
ams Datasheet
Page 39
[v2-06] 2016-Jan-26
Document Feedback
AS5132 − Revision Information
Note(s):
1. Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
2. Correction of typographical errors is not explicitly mentioned.
Changes from 2-04 (2014-Sep-05) to current revision 2-06 (2016-Jan-26)
Page
2-04 (2014-Sep-05) to 2-05 (2016-Jan-22)
Updated text under General Description section
1
Updated Figure 1
1
Updated Figure 4
4
Updated Figure 14
12
Updated text under Figure 17
13
Updated Figure 18
15
Updated Programming Verification section
19
Updated Figure 27
21
2-05 (2016-Jan-22) to 2-06 (2016-Jan-26)
Updated Figure 4
4
Updated Figure 14
12
Updated Figure 27
21
Revision Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40