Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LBAS21HT1 Fiches technique(PDF) 3 Page - Leshan Radio Company

No de pièce LBAS21HT1
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAS21HT1 Fiches technique(HTML) 3 Page - Leshan Radio Company

  LBAS21HT1 Datasheet HTML 1Page - Leshan Radio Company LBAS21HT1 Datasheet HTML 2Page - Leshan Radio Company LBAS21HT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
LBAS21HT1-3/3
SOD-323
C
E
MIN
MAX
MIN
MAX
A
B
C
D
E
H
J
K
1.60
1.15
0.80
0.25
0.00
0.089
2.30
1.80
1.35
1.00
0.40
0.10
0.177
2.7
0.063
0.045
0.031
0.010
0.0000
0.0035
0.091
0.071
0.053
0.039
0.016
0.004
0.0070
0.106
DIN
MILLIMETERS
INCHES
0.15 REF
0.006 REF
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. LEAD THICKNESS SPECIFIED PER L / F DRAWING WITH
SOLDER PLATING.
4. 477-01 OBSOLETE, NEW STANDARD
477-22.
PIN 1: CATHODE
2: ANODE
H
J
A
B
D
K
1
2
LBAS21HT1



Html Pages

1 2 3