Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4748312 Fiches technique(PDF) 2 Page - Festo Corporation.

No de pièce 4748312
Description  Pinch valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FESTO [Festo Corporation.]
Site Internet  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4748312 Fiches technique(HTML) 2 Page - Festo Corporation.

  4748312 Datasheet HTML 1Page - Festo Corporation. 4748312 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Housing material
Wrought aluminum alloy
Housing cover material
Wrought aluminum alloy
Seals material
FPM
Shut-off element material
EPDM
Product weight
137 g
For use in the food industry
See supplementary material information
Material of bowl
PPS
11/26/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2