Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCF5373CAB180 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 5Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 6Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 7Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 8Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 9Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 10Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 11Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 12Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Pin Assignments and Reset States
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
9
USB Host & USB On-the-Go
USBOTG_M
—
—
—
I/O
USB
VDD
—
H14
USBOTG_P
—
—
—
I/O
USB
VDD
—
H13
USBHOST_M
—
—
—
I/O
USB
VDD
—
J13
USBHOST_P
—
—
—
I/O
USB
VDD
—
J12
FlexCAN (MCF53721 only)
CANRX and CANTX do not have dedicated bond pads. Please refer to the following pins for muxing:
I2C_SDA for CANRX and I2C_SCL for CANTX.
PWM
PWM7
PPWM7
—
—
I/O
EVDD
—
E13
PWM5
PPWM5
—
—
I/O
EVDD
—
E12
PWM3
PPWM3
DT3OUT
DT3IN
I/O
EVDD
—
E11
PWM1
PPWM1
DT2OUT
DT2IN
I/O
EVDD
—
F14
SSI
The SSI signals do not have dedicated bond pads. Please refer to the following pins for muxing: IRQ4 for SSI_MCLK,
IRQ1 for SSI_CLKIN, U1CTS for SSI_BCLK, U1RTS for SSI_FS, U1RXD for SSI_RXD, and U1TXD for SSI_TXD
I2C
I2C_SCL2
PFECI2C1
CANTX6
U2TXD
I/O
EVDD
—
E3
I2C_SDA2
PFECI2C0
CANRX6
U2RXD
I/O
EVDD
—
E4
DMA
DACK[1:0] and DREQ[1:0] do not have dedicated bond pads. Please refer to the following pins for muxing:
TS for DACK0, DT0IN for DREQ0, DT1IN for DACK1, and IRQ1 for DREQ1.
QSPI
QSPI_CS2
PQSPI5
U2RTS
—
O
EVDD
78
N12
QSPI_CS1
PQSPI4
PWM7
USBOTG_
PU_EN
O
EVDD
—
M12
QSPI_CS0
PQSPI3
PWM5
—
O
EVDD
—
M11
QSPI_CLK
PQSPI2
I2C_SCL2
—
O
EVDD
77
P12
QSPI_DIN
PQSPI1
U2CTS
—
I
EVDD
75
P11
QSPI_DOUT
PQSPI0
I2C_SDA2
—
O
EVDD
76
N11
Table 3. MCF5372/3 Signal Information and Muxing (continued)
Signal Name
GPIO
Alternate 1
Alternate 2
MCF5372
MCF5373
160 QFP
MCF5372L
MCF53721
MCF5373L
196 MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46