Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML7055LP Fiches technique(PDF) 27 Page - OKI electronic componets

No de pièce ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Fiches technique(HTML) 27 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 22Page - OKI electronic componets ML7055LP Datasheet HTML 23Page - OKI electronic componets ML7055LP Datasheet HTML 24Page - OKI electronic componets ML7055LP Datasheet HTML 25Page - OKI electronic componets ML7055LP Datasheet HTML 26Page - OKI electronic componets ML7055LP Datasheet HTML 27Page - OKI electronic componets ML7055LP Datasheet HTML 28Page - OKI electronic componets ML7055LP Datasheet HTML 29Page - OKI electronic componets ML7055LP Datasheet HTML 30Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
27/30
P-LFBGA84-0909-0.80
Package material
Epoxy resin
Ball material
Sn/Pb
Package weight (g)
0.20 TYP.
5
Rev. No./Last Revised
1/May 15, 2000
(Unit: mm)
ML7055LP - 84pinBGA (P-LFBGA84-0909-0.80)
Note: A lead-free package is available. Please contact Oki Sales Office/Distributors for more
information.
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity
absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product
name, package name, pin number, package code and desired mounting conditions (reflow method,
temperature and times).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30