Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1052ACPZ-R7 Fiches technique(PDF) 112 Page - Analog Devices

No de pièce ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Fiches technique(HTML) 112 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 105Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 106Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 107Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 108Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 109Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 110Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 111Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 112Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 113Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 112 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 112 of 113
Table 207. Register 0xFEAE—Input Power Value
Bits
Bit Name/Function
R/W
Description
[15:0]
Input power value
R
This register contains the 16-bit input power information. This value is the product of the input
voltage value (VF) and input current value (CS1). The product of two 12-bit values is a 24-bit
value, and the eight LSBs are discarded.
Table 208. Register 0xFEAF—Output Power Value
Bits
Bit Name/Function
R/W
Description
[15:0]
Output power value
R
This register contains the 16-bit output power information. This value is the product of the
output voltage value (VS) and the output current reading (CS2). The product of two 12-bit
values is a 24-bit value, and the eight LSBs are discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More