Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1052ACPZ-R7 Fiches technique(PDF) 65 Page - Analog Devices

No de pièce ADP1052ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1052ACPZ-R7 Fiches technique(HTML) 65 Page - Analog Devices

Back Button ADP1052ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1052ACPZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 65 of 113
Table 34. Register 0x33—FREQUENCY_SWITCH (Options Supported by the ADP1052)
Register Setting
Switching Frequency (kHz)
Accurate Switching Period (μs)
0000000000110001 (0x0031)
49
20.48
0000000000111000 (0x0038)
56
17.92
0000000000111100 (0x003C)
60
16.64
0000000001000001 (0x0041)
65
15.36
0000000001000111 (0x0047)
71
14.08
0000000001001110 (0x004E)
78
12.80
0000000001010111 (0x0057)
87
11.52
1111100011000011 (0xF8C3)
97.5
10.24
0000000001101000 (0x0068)
104
9.60
1111100011011111 (0xF8DF)
111.5
8.96
0000000001111000 (0x0078)
120
8.32
0000000010000010 (0x0082)
130
7.68
0000000010001000 (0x0088)
136
7.36
0000000010001110 (0x008E)
142
7.04
0000000010010101 (0x0095)
149
6.72
1111100100111001 (0xF939)
156.5
6.40
1111100101001001 (0xF949)
164.5
6.08
1111100101011011 (0xF95B)
173.5
5.76
0000000010111000 (0x00B8)
184
5.44
1111100110000111 (0xF987)
195.5
5.12
1111100110010011 (0xF993)
201.5
4.96
1111100110100001 (0xF9A1)
208.5
4.80
1111100110101111 (0xF9AF)
215.5
4.64
0000000011011111 (0xDF)
223
4.48
1111100111001111 (0xF9CF)
231.5
4.32
1111100111100001 (0xF9E1)
240.5
4.16
0000000011111010 (0x00FA)
250
4.00
1111101000001001 (0xFA09)
260.5
3.84
1111101000011111 (0xFA1F)
271.5
3.68
0000000100011100 (0x011C)
284
3.52
1111101001010011 (0xFA53)
297.5
3.36
1111101001110001 (0xFA71)
312.5
3.20
1111101010000001 (0xFA81)
320.5
3.12
0000000101001001 (0x0149)
329
3.04
0000000101010010 (0x0152)
338
2.96
0000000101011011 (0x15B)
347
2.88
0000000101100101 (0x0165)
357
2.80
1111101011011111 (0xFADF)
367.5
2.72
0000000101111011 (0x017B)
379
2.64
1111101100001101 (0xFB0D)
390.5
2.56
0000000110001101 (0x018D)
397
2.52
0000000110010011 (0x0193)
403
2.48
0000000110011010 (0x019A)
410
2.44
1111101101000001 (0xFB41)
416.5
2.40
1111101101001111 (0xFB4F)
423.5
2.36
0000000110101111 (0x1AF)
431
2.32
1111101101101101 (0xFB6D)
438.5
2.28
1111101101111101 (0xFB7D)
446.5
2.24
1111101110001101 (0xFB8D)
454.5
2.20
0000000111001111 (0x01CF)
463
2.16
0000000111011000 (0x01D8)
472
2.12
0000000111100001 (0x01E1)
481
2.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More