Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1048WARQZ-R7 Fiches technique(PDF) 65 Page - Analog Devices

No de pièce ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Fiches technique(HTML) 65 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 61Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 62Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 63Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 64Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 65Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 66Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 67Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 68Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
Data Sheet
ADP1048W
SWITCHING FREQUENCY SETTING REGISTER
Table 89. Register 0xFE1B—Switching Frequency Setting
Bits
Bit Name
R/W
Description
[7:6]
RSVD
R
Reserved.
[5:0]
Switching frequency
R/W
This register sets the switching frequency of the PWM outputs.
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Frequency (kHz)
0
0
0
0
0
0
30.05
0
0
0
0
0
1
32.55
0
0
0
0
1
0
35.51
0
0
0
0
1
1
39.06
0
0
0
1
0
0
43.40
0
0
0
1
0
1
48.83
0
0
0
1
1
0
52.06
0
0
0
1
1
1
55.80
0
0
1
0
0
0
60.10
0
0
1
0
0
1
65.10
0
0
1
0
1
0
71.02
0
0
1
0
1
1
78.13
0
0
1
1
0
0
86.81
0
0
1
1
0
1
97.66
0
0
1
1
1
0
100.81
0
0
1
1
1
1
104.17
0
1
0
0
0
0
107.76
0
1
0
0
0
1
111.61
0
1
0
0
1
0
115.74
0
1
0
0
1
1
120.19
0
1
0
1
0
0
125.00
0
1
0
1
0
1
130.21
0
1
0
1
1
0
135.87
0
1
0
1
1
1
142.05
0
1
1
0
0
0
148.81
0
1
1
0
0
1
156.25
0
1
1
0
1
0
164.47
0
1
1
0
1
1
173.61
0
1
1
1
0
0
183.82
0
1
1
1
0
1
195.31
0
1
1
1
1
0
198.41
0
1
1
1
1
1
201.61
1
0
0
0
0
0
204.92
1
0
0
0
0
1
208.33
1
0
0
0
1
0
211.86
1
0
0
0
1
1
215.52
1
0
0
1
0
0
219.30
1
0
0
1
0
1
223.21
1
0
0
1
1
0
227.27
1
0
0
1
1
1
231.48
1
0
1
0
0
0
235.85
1
0
1
0
0
1
240.38
1
0
1
0
1
0
245.10
1
0
1
0
1
1
250.00
1
0
1
1
0
0
255.10
1
0
1
1
0
1
260.42
1
0
1
1
1
0
265.96
Rev. 0 | Page 65 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82