| Moteur de recherche de fiches techniques de composants électroniques |
|
ML2250 Fiches technique(PDF) 35 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML2250 Fiches technique(HTML) 35 Page - OKI electronic componets |
|
35 / 36 page ![]() FEDL2250DIGEST-09 OKI Semiconductor ML2250 family 35/36 REVISION HISTORY Page Document No. Date Previous Edition Current Edition Description PEDL2250DIGSET-01 Jun. 25, 2002 – – Preliminary edition 1 FEDL2250DIGSET-01 Oct. 15, 2002 – – Final edition 1 FEDL2250DIGSET-02 May 12, 2003 – – Final edition 2 – – Added ML2251 and ML2253 FEDL2250DIGSET-03 Oct. 17, 2003 – – Eliminated mentioned items about PWM – – Added ML2256 FEDL2250DIGSET-04 Apr. 20, 2004 – 22 Added mentioned items about initial state at reset input – – Added ML22Q58 – 10-12, 33 Added ML2253/54-XXXHB(W-CSP Package) – 16-18 Added the pin equivalent circuits 19,20 22,23 Corrected the airticle and charts about serial Interface FEDL2250DIGSET-06 Dec. 27, 2004 27 30,31 Changed the application circuit example – 1 Modified the description of ML22Q54/Q58 in the “GENERAL DESCRIPTION” Section. – 3 Added “(ML2256-XXXHB)” to the 33-pin W-CSP package. – 11 Added the 33-pin W-CSP package configuration of ML2256-XXXHB – 12,13 Added the “ML2256 WCSP pin “ Column” in the table. – 12 Added ML2256 to the heading above the table. – 13 Modified the description of QFP Pin 24. FEDL2250DIGSET-08 Jun.13, 2005 – 17 Changed the contents in the “Condition” and “Rating” Columns of Parameter “Power Dissipation ” in the table in the “ABSOLUTE MAXIMUM RATINGS ” Section. FEDL2250DIGSET-09 Sep.15, 2005 – – The “DIGEST” version is not changed. |