Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8347ECVRALFB Fiches technique(PDF) 62 Page - NXP Semiconductors

No de pièce MPC8347ECVRALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8347ECVRALFB Fiches technique(HTML) 62 Page - NXP Semiconductors

Back Button MPC8347ECVRALFB Datasheet HTML 58Page - NXP Semiconductors MPC8347ECVRALFB Datasheet HTML 59Page - NXP Semiconductors MPC8347ECVRALFB Datasheet HTML 60Page - NXP Semiconductors MPC8347ECVRALFB Datasheet HTML 61Page - NXP Semiconductors MPC8347ECVRALFB Datasheet HTML 62Page - NXP Semiconductors MPC8347ECVRALFB Datasheet HTML 63Page - NXP Semiconductors MPC8347ECVRALFB Datasheet HTML 64Page - NXP Semiconductors MPC8347ECVRALFB Datasheet HTML 65Page - NXP Semiconductors MPC8347ECVRALFB Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
62
Freescale Semiconductor
Package and Pin Listings
MPH1_D3_SPEED/DR_D3_SPEED
A27
I/O
OVDD
—
MPH1_D4_DP/DR_D4_DP
B27
I/O
OVDD
—
MPH1_D5_DM/DR_D5_DM
C27
I/O
OVDD
—
MPH1_D6_SER_RCV/DR_D6_SER_RCV
D26
I/O
OVDD
—
MPH1_D7_DRVVBUS/DR_D7_DRVVBUS
E26
I/O
OVDD
—
MPH1_NXT/DR_SESS_VLD_NXT
D27
I
OVDD
—
MPH1_DIR_DPPULLUP/
DR_XCVR_SEL_DPPULLUP
A28
I/O
OVDD
—
MPH1_STP_SUSPEND/
DR_STP_SUSPEND
F26
O
OVDD
—
MPH1_PWRFAULT/
DR_RX_ERROR_PWRFAULT
E27
I
OVDD
—
MPH1_PCTL0/DR_TX_VALID_PCTL0
A29
O
OVDD
—
MPH1_PCTL1/DR_TX_VALIDH_PCTL1
D28
O
OVDD
—
MPH1_CLK/DR_CLK
B29
I
OVDD
—
USB Port 0
MPH0_D0_ENABLEN/DR_D8_CHGVBUS
C29
I/O
OVDD
—
MPH0_D1_SER_TXD/DR_D9_DCHGVBUS
A30
I/O
OVDD
—
MPH0_D2_VMO_SE0/DR_D10_DPPD
E28
I/O
OVDD
—
MPH0_D3_SPEED/DR_D11_DMMD
B30
I/O
OVDD
—
MPH0_D4_DP/DR_D12_VBUS_VLD
C30
I/O
OVDD
—
MPH0_D5_DM/DR_D13_SESS_END
A31
I/O
OVDD
—
MPH0_D6_SER_RCV/DR_D14
B31
I/O
OVDD
—
MPH0_D7_DRVVBUS/DR_D15_IDPULLUP
C31
I/O
OVDD
—
MPH0_NXT/DR_RX_ACTIVE_ID
B32
I
OVDD
—
MPH0_DIR_DPPULLUP/DR_RESET
A32
I/O
OVDD
—
MPH0_STP_SUSPEND/DR_TX_READY
A33
I/O
OVDD
—
MPH0_PWRFAULT/DR_RX_VALIDH
C32
I
OVDD
—
MPH0_PCTL0/DR_LINE_STATE0
D31
I/O
OVDD
—
MPH0_PCTL1/DR_LINE_STATE1
E30
I/O
OVDD
—
MPH0_CLK/DR_RX_VALID
B33
I
OVDD
—
Programmable Interrupt Controller
MCP_OUT
AN33
O
OVDD
2
IRQ0/MCP_IN/GPIO2[12]
C19
I/O
OVDD
—
IRQ[1:5]/GPIO2[13:17]
C22, A22, D21, C21, B21
I/O
OVDD
—
Table 55. MPC8347EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99