Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8560CVT667JC Fiches technique(PDF) 76 Page - NXP Semiconductors

No de pièce MPC8560CVT667JC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560CVT667JC Fiches technique(HTML) 76 Page - NXP Semiconductors

Back Button MPC8560CVT667JC Datasheet HTML 72Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 73Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 74Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 75Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 76Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 77Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 78Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 79Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
76
Freescale Semiconductor
Package and Pin Listings
RIO_RD[0:7]
T25, U25, V25, W25, AA25, AB25, AC25, AD25
I
OVDD
—
RIO_RD[0:7]
T24, U24, V24, W24, AA24, AB24, AC24, AD24
I
OVDD
—
RIO_RFRAME
AE27
I
OVDD
—
RIO_RFRAME
AE26
I
OVDD
—
RIO_TCLK
AC20
O
OVDD
11
RIO_TCLK
AE21
O
OVDD
11
RIO_TD[0:7]
AE18, AC18, AD19, AE20, AD21, AE22, AC22, AD23
O
OVDD
—
RIO_TD[0:7]
AD18, AE19, AC19, AD20, AC21, AD22, AE23, AC23
O
OVDD
—
RIO_TFRAME
AE24
O
OVDD
—
RIO_TFRAME
AE25
O
OVDD
—
RIO_TX_CLK_IN
AF24
I
OVDD
—
RIO_TX_CLK_IN
AF25
I
OVDD
—
I2C interface
IIC_SDA
AH22
I/O
OVDD
4, 20
IIC_SCL
AH23
I/O
OVDD
4, 20
System Control
HRESET
AH16
I
OVDD
—
HRESET_REQ
AG20
O
OVDD
—
SRESET
AF20
I
OVDD
—
CKSTP_IN
M11
I
OVDD
—
CKSTP_OUT
G1
O
OVDD
2, 4
Debug
TRIG_IN
N12
I
OVDD
—
TRIG_OUT/READY
G2
O
OVDD
6, 9, 19
MSRCID[0:1]
J9, G3
O
OVDD
5, 6, 9
MSRCID[2:4]
F3, F5, F2
O
OVDD
6
MDVAL
F4
O
OVDD
6
Clock
SYSCLK
AH21
I
OVDD
—
RTC
AB23
I
OVDD
—
CLK_OUT
AF22
O
OVDD
11
Table 54. MPC8560 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More